Part Number Hot Search : 
T1206 FDLL700 LPRA30Z 1N2991RC IRFC130R 18CX10 MX536AJD 1602B1
Product Description
Full Text Search
 

To Download RS-100-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1 0 0 W S i n g l e O100WSingleOutputSwitchingPowerSupply u t put Switching Power Supply
rs R S --110000 ss eirei e s er s


SPECIFICATION
MODEL DCVOLTAGE RATEDCURRENT CURRENTRANGE RATEDPOWER OUTPUT VOLTAGE ADJ.RANGE RS-100-3.3 3.3V 20A 0~20A 66W RS-100-5 5V 16A 0~16A 80W 80mVp-p 4.75~5.5V 2.0% 0.5% 1.0% RS-100-12 12V 8.5A 0~8.5A 102W 120mVp-p 11.4~13.2V 1.0% 0.5% 0.5% RS-100-15 15V 7A 0~7A 105W 120mVp-p 14.25~16.5V 1.0% 0.5% 0.5% RS-100-24 24V 4.5A 0~4.5A 108W 120mVp-p 22.8~26.4V 1.0% 0.5% 0.5% RS-100-48 48V 2.3A 0~2.3A 110.4W 200mVp-p 45.6~52.8V 1.0% 0.5% 0.5%
RIPPLE&NOISE(max.) Note.2 80mVp-p 3.2V~3.5V VOLTAGETOLERANCE Note.3 3.0% LINEREGULATION LOADREGULATION SETUP,RISETIME HOLDTIME (Typ.) VOLTAGERANGE FREQUENCY RANGE INPUT EFFICIENCY (Typ.) ACCURRENT (Typ.) INRUSHCURRENT (Typ.) LEAKAGECURRENT OVERLOAD PROTECTION OVERVOLTAGE WORKINGTEMP. WORKINGHUMIDITY ENVIRONMENT STORAGETEMP.,HUMIDITY TEMP.COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTANDVOLTAGE SAFETY & ISOLATIONRESISTANCE EMC
(Note6) Note.4 Note.5
0.5% 2.0%
500ms,20ms/230VAC1200ms,30ms/115VAC atfullload 100ms/230VAC18ms/115VAC atfullload 88~264VAC125~373VDC (Withstand300VACsurgefor5sec.Withoutdamage) 47~63Hz 74% 77% 81% 82% 84% 84% 2.5A/115VAC1.5A/230VAC COLDSTART 40A/230VAC <2mA /240VAC 110~150% ratedoutputpower Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved 3.8~4.45V 5.75~6.75V 13.8~16.2V 17.25~20.25V Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved -25~+70 (Refertooutputloadderatingcurve) 20~90%RH non-condensing -40~+85 ,10~95%RH 0.03%/ (0~50 ) 10~500Hz,5G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes UL60950-1, TUVEN60950-1 Approved I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC 27.6~32.4V 55.2~64.8V
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC EMICONDUCTION&RADIATION CompliancetoEN55022(CISPR22)ClassB HARMONICCURRENT Complianceto EN61000-3-2,-3 CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN61000-6-2(EN50082-2)heavyindustrylevel,criteria A EMSIMMUNITY MTBF DIMENSION PACKING 260.8Khrsmin.MIL-HDBK-217F(25 159*97*38mm(L*W*H) 0.6Kg;24pcs/15.4Kg/0.7CUFT )
OTHERS
NOTE

WWW.AsTrODYNE.COM
300 Myles standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
FileName:RS-100-SPEC2005-09-13
1 0 0 W S i n g l e O100WSingleOutputSwitchingPowerSupply u t put Switching Power Supply
MechanicalSpecification
R S --110000 ss eirei e s er s rs
CaseNo.901CUnit:mm
152.5
1
9.5
2 3 4
65
3.5 84.5
7
8.2
5 6 7
2-M
3
3.5
4.5 24 78 159 6.5 150
9
18.5
9
22
117
TerminalPin.No Assignment
PinNo. 1 2 3 Assignment AC/L AC/N FG PinNo. 4,5 6,7 Assignment DCOUTPUT -V DCOUTPUT +V
OutputDerating
StaticCharacteristics
Ta=25
100
100
Others
80
90 80
60
3.3V,5V
70
LOAD(%)
LOAD(%)
40
60 50 40
20
-25 -25
0 0
10
20
30
40
50
60
70 (VERTICAL)
88
95
100
115
120
140
160
28.5
180
M3
18
38
200 220
3-
3.5
97
AMBIENTTEMPERATURE(
3.5
240
264
)
INPUTVOLTAGE(VAC)60Hz
WWW.AsTrODYNE.COM
300 Myles standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 Fax: 508-823-8181
FileName:RS-100-SPEC2005-09-13


▲Up To Search▲   

 
Price & Availability of RS-100-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X